PART |
Description |
Maker |
SB1060CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
|
Gulf Semiconductor
|
SB10200CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
|
GULF SEMI Gulf Semiconductor
|
SB2045CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB2060FCT |
Schottky Pack: ITO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB10100FCT |
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A Schottky Pack: ITO-220AB
|
Gulf Semiconductor
|
SB20200FCT |
Schottky Pack: ITO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB1040CT |
Schottky Pack: TO-220AB
|
GULF SEMI
|
BT139-800127 |
Triacs - I<sub>GT</sub>: 35 mA; I<sub>T</sub> (R<sub>MS</sub>): 16 A; V<sub>DRM</sub>: 800 V; Package: SOT78 (TO-220AB); Container: Tube pack 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V.
|
BT138 BT138-600D BT138-600E BT138-800E BT138-600E1 |
4Q Triac 4Q双向可控 12 A four-quadrant triacs, sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 600 V; Package: SOT78 (TO-220AB); Container: Tube pack 12 A four-quadrant triacs, sensitive gate; Package: SOT78 (TO-220AB); Container: Tube pack
|
NXP Semiconductors N.V.
|
UGRP16D |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Power Rectifiers
|
Gulf Semiconductor
|
FERA16G |
GPP-TO Pack: TO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 16.0A
|
Gulf Semiconductor
|
FERP16K |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Rectifiers VOLTAGE: 800V CURRENT:16.0A
|
Gulf Semiconductor
|